Part Number Hot Search : 
25MBX08 TSOP4430 2SD2147Q CXA1664 P16NE0 KSE45H10 81M25 M15G3311
Product Description
Full Text Search
 

To Download 2SD669 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
2SD669 2SD669A
DESCRIPTION *With TO-126 package *Complement to type 2SB649/649A *High breakdown voltage VCEO:120/160V *High current 1.5A *Low saturation voltage,excellent hFE linearity APPLICATIONS *For low-frequency power amplifier applications
PINNING PIN 1 2 3 Emitter Collector;connected to mounting base Base DESCRIPTION
Absolute maximum ratings(Ta=25 )
SYMBOL VCBO PARAMETER 2SD669 Collector-base voltage 2SD669A 2SD669 VCEO VEBO IC ICM PD Tj Tstg Collector-emitter voltage 2SD669A Emitter-base voltage Collector current (DC) Collector current-peak Ta=25 Total power dissipation TC=25 Junction temperature Storage temperature 20 150 -55~150 Open collector Open base 160 5 1.5 3 1 W V A A Open emitter 180 120 V CONDITIONS VALUE 180 V UNIT
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified PARAMETER Collector-emitter breakdown voltage 2SD669 IC=10mA; RBE=B 2SD669A 2SD669 IC=1m A ;IE=0 2SD669A IE=1mA ;IC=0 IC=0.5A ;IB=50mA IC=150mA ; VCE=5V VCB=160V; IE=0 2SD669 hFE-1 DC current gain 2SD669A hFE-2 fT COB DC current gain Transition frequency Collector output capacitance IC=0.5A ; VCE=5V IC=150mA ; VCE=5V f=1MHz ; VCB=10V IC=150mA ; VCE=5V CONDITIONS SYMBOL
2SD669 2SD669A
MIN 120
TYP.
MAX
UNIT
V(BR)CEO
V 160 180 V 180 5 1.0 1.5 10 60 60 30 140 14 MHz pF 320 200 V V V A
V(BR)CBO
Collector-base breakdown voltage
V(BR)EBO VCEsat VBE ICBO
Emitter-base breakdown voltage Collector-emitter saturation voltage Base-emitter on voltage Collector cut-off current
hFE Classifications hFE-1 2SB649 2SB649A B 60-120 60-120 C 100-200 100-200 D 160-320
2
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SD669 2SD669A
Fig.2 Outline dimensions
3
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
2SD669 2SD669A
4
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
2SD669 2SD669A
5


▲Up To Search▲   

 
Price & Availability of 2SD669

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X